Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAV-E 250 Datasheet (PDF) - OSRAM GmbH

NAV-E 250 Datasheet PDF - OSRAM GmbH
Part # NAV-E 250
Download  NAV-E 250 Download
File Size   100.1 Kbytes
Page   1 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description VIALOX® NAV® SUPER 4Y®

NAV-E 250 Datasheet (PDF)

Go To PDF Page Download Datasheet
NAV-E 250 Datasheet PDF - OSRAM GmbH

Part # NAV-E 250
Download  NAV-E 250 Click to download

File Size   100.1 Kbytes
Page   1 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description VIALOX® NAV® SUPER 4Y®

NAV-E 250 Datasheet (HTML) - OSRAM GmbH


NAV-E 250 Product details

Product features:
· High pressure sodium lamp 250 Watt
· Increased luminous flux compared to standard high pressure sodium lamps
· Elliptical, electrostatic white coating inside
· Centrally-located, durable ceramic arc tube with integrated strike bar and sodium amalgam filling
· For ignitors from 4 to 5 kV
· Maximum lamp diameter 90 mm, maximum length 226 mm
· E40 base, nickel-plated brass for corrosion resistance
· Nominal luminous flux 31,000 lm
· Luminous efficacy 124 lm/W
· Light depreciation less than 10% after 16,000 hours of operation
· Early failure rate less than 5% after 16,000 hours of operation
· Average lifetime 32,000 hours of operation




Similar Part No. - NAV-E 250

ManufacturerPart #DatasheetDescription
logo
SICK AG
NAV310-3211 SICK-NAV310-3211 Datasheet
921Kb / 6P
2D LASER SCANNERS
2016-03-19
NAV340-3232 SICK-NAV340-3232 Datasheet
912Kb / 5P
2D LASER SCANNERS
2016-03-19
NAV350-3232 SICK-NAV350-3232 Datasheet
914Kb / 6P
2D LASER SCANNERS
2016-03-19
logo
MEC Marcom Electronic C...
NAVIKITTH09WL MEC-NAVIKITTH09WL Datasheet
1Mb / 2P
Navimec Module standard and illuminated
logo
NIC-Components Corp.
NAVZ220M50V6.3X8.7LBF NIC-NAVZ220M50V6.3X8.7LBF Datasheet
102Kb / 3P
Surface Mount Aluminum Electrolytic Capacitors
More results


Similar Description - NAV-E 250

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR12A45SP5 DIODES-SBR12A45SP5 Datasheet
561Kb / 5P
12A SBR® SUPER BARRIER RECTIFIER POWERDI®
June 2015
SBR5E45P5 DIODES-SBR5E45P5 Datasheet
237Kb / 5P
5A SBR® SUPER BARRIER RECTIFIER POWERDI®5
July 2015
SBR5E60P5 DIODES-SBR5E60P5 Datasheet
500Kb / 5P
5A SBR® SUPER BARRIER RECTIFIER POWERDI®5
November 2015
SBR8A45SP5 DIODES-SBR8A45SP5 Datasheet
357Kb / 5P
8A SBR® SUPER BARRIER RECTIFIER POWERDI®
June 2015
SBR8A60P5 DIODES-SBR8A60P5 Datasheet
455Kb / 5P
8A SBR® SUPER BARRIER RECTIFIER POWERDI®5
March 2015
SBR8E45P5 DIODES-SBR8E45P5 Datasheet
238Kb / 5P
8A SBR® SUPER BARRIER RECTIFIER POWERDI®5
August 2015
SBR8E60P5 DIODES-SBR8E60P5 Datasheet
236Kb / 5P
8A SBR® SUPER BARRIER RECTIFIER POWERDI®5
July 2015
SBR8U20SP5Q DIODES-SBR8U20SP5Q Datasheet
136Kb / 5P
8A SBR® SUPER BARRIER RECTIFIER POWERDI®5
June 2013
logo
Advantech Co., Ltd.
SKY-TESL-A40-48P ADVANTECH-SKY-TESL-A40-48P Datasheet
202Kb / 1P
NVIDIA® Tesla® A40
19-Sep-2022
SKY-TESL-H100 ADVANTECH-SKY-TESL-H100 Datasheet
157Kb / 1P
NVIDIA® Tesla® H100
26-Oct-2022
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com